Part Number Hot Search : 
SIT9102 10PBF 3MJE883 946803 KBL10 C68331 4AC257 946803
Product Description
Full Text Search
 

To Download 1N4728A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
1N4728A - 1N4764A
Pb
1.0W ZENER DIODE
Features
! ! ! ! ! ! ! Planar Die Construction 1.0 Watt Power Dissipation 3.3 - 100V Nomimal Zener Voltage A B A 5% Standard Vz Tolerance Low Inductance Typical IR Less Than 5.0A Above 11V Plastic Case Material Has UL Flammability Classification Rating 94V-O D
C
Mechanical Data
! ! ! ! ! ! Case: DO-41 Glass Package Terminals: Axial Leads, Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Marking: Type Number Weight: 0.35 grams (approx.) Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 4
DO-41 GLASS Dim Min Max 25.40 -- A 4.10 5.20 B 0.65 0.75 C 2.50 3.20 D All Dimensions in mm
Maximum Ratings
@TA=25C unless otherwise specified
Characteristic Peak Pulse Power Dissipation at TA = 50C (Note 1) Derate above 50C Peak Forward Surge Current (Note 2) Forward Voltage @ IF = 200mA Operating and Storage Temperature Range
Symbol Pd IFSM VF Tj, TSTG
Value 1.0 6.67 10 1.2 -65 to +150
Unit W mW/C A V C
Note: 1. Mounted on 5.0mm2 (0.013mm thick) land area. 2. Measured on 8.3ms single half sine-wave duty cycle = 4 pulses per minutes maximum.
1N4728A - 1N4764A
1 of 4
(c) 2006 Won-Top Electronics
Electrical Characteristics
Nominal Zener Voltage (Note 2) VZ @ IZT (V) 1N4728A 1N4729A 1N4730A 1N4731A 1N4732A 1N4733A 1N4734A 1N4735A 1N4736A 1N4737A 1N4738A 1N4739A 1N4740A 1N4741A 1N4742A 1N4743A 1N4744A 1N4745A 1N4746A 1N4747A 1N4748A 1N4749A 1N4750A 1N4751A 1N4752A 1N4753A 1N4754A 1N4755A 1N4756A 1N4757A 1N4758A 1N4759A 1N4760A 1N4761A 1N4762A 1N4763A 1N4764A 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100
@TA=25C unless otherwise specified
Type Number (Note 1)
Test Current IZT (mA) 76 69 64 58 53 49 45 41 37 34 31 28 25 23 21 19 17 15.5 14 12.5 11.5 10.5 9.5 8.5 7.5 7.0 6.5 6.0 5.5 5.0 4.5 4.0 3.7 3.3 3.0 2.8 2.5
Maximum Zener Impedance (Note 3) ZZT @ IZT () 10 10 9.0 9.0 8.0 7.0 5.0 2.0 3.5 4.0 4.5 5.0 7.0 8.0 9.0 10 14 16 20 22 23 25 35 40 45 50 60 70 80 95 110 125 150 175 200 250 350 ZZK @ IZK () 400 400 400 400 500 550 600 700 700 700 700 700 700 700 700 700 700 700 750 750 750 750 750 1000 1000 1000 1000 1500 1500 1500 2000 2000 2000 2000 3000 3000 3000 IZK (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
Leakage Current IR (A) 100 100 50 10 10 10 10 10 5.0 5.0 5.0 0.5 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 @ VR (V) 1.0 1.0 1.0 1.0 1.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 7.6 8.4 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.7 56.0 62.2 69.2 76.0
Max Surge Current 8.3ms IZS (mA) 1380 1260 1190 1070 970 890 810 730 660 605 550 500 454 414 380 344 304 285 250 225 205 190 170 150 135 125 115 110 95 90 80 70 65 60 55 50 45
Note: 1. Type numbers listed have standard tolerance on the nominal zener voltage of 5%. 2. Measured under thermal equilibrium and DC (IZT) test conditions. 3. The Zener impedance is derived from the 60Hz AC voltage which results when an AC current having an RMS value equal to 10% of the Zener current (IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to insure a sharp knee on the breakdown curve and to eliminate unstable units.
1N4728A - 1N4764A
2 of 4
(c) 2006 Won-Top Electronics
MARKING INFORMATION
TAPING SPECIFICATIONS
0.8mm MAX
5mm
1N 4 7x x A
WTE
Cathode 1N47xxA xx WTE
= Polarity Band = Device Number = 28, 29, 30...to 64 = Manufacturer's Logo
1.2mm MAX
6mm 52.4mm Cathode Tape: Red Anode Tape: White
0.8mm MAX
PACKAGING INFORMATION
TAPE & BOX TAPE & REEL
Product ID Label
150mm
Inspection Hole (both ends)
330mm 255mm 75mm
BULK
805mm 20mm 198mm
Product ID Label
84mm
Packaging TAPE & REEL TAPE & BOX BULK
Reel Diameter / Box Size (mm) 330 255 x 75 x 150 198 x 84 x 20
Quantity (PCS) 5,000 5,000 1,000
Carton Size (mm) 370 x 370 x 420 400 x 273 x 415 459 x 214 x 256
Quantity (PCS) 25,000 50,000 50,000
Approx. Gross Weight (KG) 13.0 21.0 19.5
Note: 1. Paper reel, white or gray color. Core material: plastic or metal. 2. Components are packed in accordance with EIA standard RS-296-E.
1N4728A - 1N4764A
3 of 4
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
1N47xxA-T3 1N47xxA-TB 1N47xxA
1. 2. 3.
Package Type
DO-41 Glass DO-41 Glass DO-41 Glass
Shipping Quantity
5000/Tape & Reel 5000/Tape & Box 1000 Units/Box
Products listed in bold are WTE Preferred devices. Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order RoHS / Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, 1N4728A-TB-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
1N4728A - 1N4764A
4 of 4
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of 1N4728A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X